PART |
Description |
Maker |
RBU801M RBU801M10 RBU804M RBU805M RBU806M RBU801M- |
8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
GBPC50-02W-G GBPC40-06-G |
50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE LEAD FREE, PLASTIC, GBPC-W, 4 PIN 40 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
Sensitron Semiconductor
|
CBR3A-P060 CBR10A-J080 CBR6A-080 CBR10A-J020 CBR10 |
Bridge Rectifiers, Controlled Avalanche 1.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 10 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 1.5 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 3 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 3 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 3 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 3 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers/ Controlled Avalanche Leaded Bridge Rectifier Controlled Avalanche
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CBR1F-D100S CBR1F-D020S CBR1F-D040S CBR1F-D060S CB |
SMD Bridge Rectifier Fast Recovery 1.0 AMP DUAL IN LINE FAST RECOVERY SILICON BRIDGE RECTIFIER 1 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 1.0 AMP DUAL IN LINE FAST RECOVERY SILICON BRIDGE RECTIFIER 1 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
MM002-10 MM002-10U MM002-XX MM002-06 MM002-06U MM0 |
3 PHASE DIODE BRIDGE 3 PHASE, 50 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE PT 18C 18#20 PIN RECP 3 Phase Bridge
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MYS250 |
0.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
SEMIKRON INTERNATIONAL
|
KBPC3506 |
35 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
VISHAY INTERTECHNOLOGY INC
|
KBU6J-E4 |
6 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
VISHAY SEMICONDUCTORS
|
VBO21-06NO7 |
21 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE ECOPAC-4
|
IXYS, Corp.
|
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
|